Part Number Hot Search : 
MAX92 SC4524 IR3C01 GRF300 TDA729 DB201 6039122 002228
Product Description
Full Text Search
 

To Download L9615D013TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  l9615 can bus transceiver l9615 meets iso/dis 11898 up to 500kbaud transmitter - generation of differential output signals - short circuit protected from -5v to 36v, detection & shutdown - slope control to reduce rfi and emi - two states adjustable slope control ( 500kbaud/ 125kbaud) receiver - differenzial input with high interference suppression - common mode input voltage range (v com ) from -2v to v s +3v package: so 8 description the l9615 is a bidirectional transceiver for signal conditioning and processing in connection with a can controller. data rates of up to 500kbaud are supported using either shielded or non- shielded pair of lines. september 2013 ? 3 1 & rx0 tx0 rx1 v s c_h c_l d96at245 1 v s + - td 1 & 1 1 + - m m m gnd 3 7 6 2 asc v ref v clmax 1 8 4 5 receiver protection transmitter block diagram so8 ordering number: l9615d 1/8
absolute maximum ratings symbol parameter value unit v s supply voltage -0.3 to 7 v v c_h , v c_l bus voltage at c_h, c_l (vs 0 to 5.5v) -5 to 36 v i c_h , i c_l off state leakage current at c_h, c_l ( vs =0 to 5.5v, v c_h = -5 to 36v, v c_l = -5 to 36 ) -3 to 5 ma v dc dc voltage at txo, asc (vs 0 to 5.5v) gnd -0.3 to v s +0.3 v i rxo output current at rxo (v s 0 to 5.5v) -0.3 to 1 ma t stg , t j storage and junction temperature range -40 to 150 c t op operating temperature range -40 to 110 c all voltages, except bus voltage, are defined with respect to pin 2 positive currents flow into the ic. thermal data symbol parameter value unit pin functions n. name function 1 txo transmitter input 2 gnd ground 3v s supply voltage 4 rxo receive output 5 rx1 reference voltage 6 c_l low side bus output 7 c_h high side bus output 8 asc adjustable slope control tx0 gnd v s rx0 rx1 c_l c_h asc 1 3 2 4 6 5 7 8 d96at246 pin connection l9615 2/8
electrical characteristics (t op = -40 to 110c; v s = 4.5 to 5.5v; dominat: vtxo = gnd; re- cessive: vtxo = v s ; all voltages, except bus voltage, are defined with respect to pin 2. positive currents flow into the ic unless otherwise specified.) symbol parameter test condition min. typ. max. unit v s supply voltage 4.5 5 5.5 v i s supply current dominant 80 ma recessive 20 ma transmitter section (r a = 60 w between c_h and c_l) c txo txo input capacitance 0v < v txo < v s 25 pf v txo txo high level input voltage 0.7 v s v s txo low level input voltage 0 0.3 v s i txo txo high level input current v txo = v s -2 0 2 m a txo low level input current v txo = gnd -275 0 -25 m a c asc asc input capacitance 0v < v asc < v s 25 pf v asc asc input voltage for high speed 0 0.1 v s asc input voltage for low speed 0.9 v s vs i asc asc input current v asc = v s 25 275 m a v asc = 0v -2 0 2 m a v c_h , v c_l bus voltage recessive recessive 0.4 v s 0.5 vs 0.6 vs i c_h , i c_l leakage current recessive vc_l = v c_h = -2 to 7v -0.7 0.7 ma v c_l = v c_h = 1 to 4v -0.3 0.3 ma r in(c_h , c_l) input resistence recessive 5 50 k w r diff(c_h , c_l) differential input resistence recessive 10 100 k w v diff = v c_h - v c_l) differential output voltage dominant, r a 1.5 3 v v diff = v c_h - v c_l) differential output voltage recessive -500 0 50 mv t d short circuit detection time c_h to c_l ; c_h to b r cs < 1w 1510 m s i a supply current in case of short circuit, c_h to c_l, c_h to b (time = t d ) 150 ma v c_lmax overvoltage protection threshold on c_l 7810v receive section v rxo rxo high level output voltage v diff < 0.5v; i rxo = 0.3ma; v c_h = -2 to 7v; v c_l = -2 to 7v; 0.9 v s vs v rxo low level output voltage v diff > 0.9v; i rxo = 1ma; v c_h = -2 to 7v; v c_l = -2 to 7v; 0.5 v v s = v c_h -v c_l input signal threshold v c_h = -2 to 7v; v c_l = -2 to 7v; 500 700 900 mv v com = (v c_h +v c_l )/2 input common mode voltage range -2 7 v v hys differential input hysteresis 150 mv reference output v rx1 reference voltage i rx1 = 0 0.45 v s 0.5 v s 0.55 v s v r rx1 output resistance 2 9 k w l9615 3/8
functional description the l9615 is used as an interface between a can controller and the physical bus. the device provides transmitting capability to the can con- troller. the transmitter outputs c_h and c_l are pro- tected against short circuits and electrical tran- sients which may occur in an automotive environ- ment. in case of short circuit (c_h to c_l, c_h to b) the protection circuit recognizes this fault con- ditionand the transmitter output stages are dis- abled with a delay of max. 10 m s to prevent de- struction of the ic and high consumption of supply current i s . if v c_l >v c_lmax the transmitter output stages would be disabled immediately. pin asc makes it possible to select two different modes of operation: high speed ( 500kbaud) and low speed ( 125kbaud). the asc pin is tied to gnd for normal operation at 500kbaud. for slower speed operation at 125kbaud the rise and fall slope of the bus out- put can be decreased to reduce emi by connect- ingg the asc pin to v s . functional table txo c_h c_l bus state rxo l h l dominant l h or floating floating v s /2 floating v s /2 recessive h dinamic characteristics (c a = 47pf between c_h and c_l; v s = 5v; t r < 5ns; c rxo = 20pf between rxo and b; r a = 60 w between c_h and c_l) symbol parameter test condition min. typ. max. unit t ot signal delay txo to c_h, c_l 50 ns s r differential output slew rate (transmitter) v asc = 0v 20 50 v/ m s v asc = v s 52 0v / m s t or signal delay c_h, c_l to r xo v asc = 0v 150 ns t otr signal delay t xo to r xo v asc = 0v 300 ns controller l9615 l9615 controller can bus system n v com r a v sn v gndn v gndd v gndm r a v diff c_h c_l system m v gndm v sm d96at247a typical application l9615 4/8
t otr t otr t or t or 0.5v 0.9v t ot t ot t r t r v tx0 v diff v rx0 d96at248 timing diagram monitoring (bit comparison) can controller 1 can controller 2 can transcelver 1 can transcelver 2 250kbit/sec 250kbit/sec hp8640 30 w 30 w equivalent terminating resistor 2 x 120 w parallel at line ends 6.8 f 6.8 f 100 w 450 w ust (noise signal) 50 w 40db 90%am, 1khz 10mhz 1mhz 100mhz 500mhz 1ghz noise resistant not noise resistant l9615 min. request boundary (automotive industry) u st (v) 30v ss 20v ss 10v ss d96at249b emc performance (receiver) l9615 5/8
50 w 80db m f 30 w 30 w 50 w 4.7nf m v tek495 analyzer equivalent terminating resistor 2 x 120 w parallel at line ends 4.7nf +5v tx0 gnd v s c_h c_l d96at250 emc performance (transmitter) 0 40 80 120 160 f(khz) d96at251 0 10 20 30 40 50 60 70 80 1 3.162 10 31.62 100 316.2 1000 3162 10000 attenuation of transmitter transceiver without emc reducing measures 0 40 80 120 160 f(khz) d96at252 0 10 20 30 40 50 60 70 80 1 3.162 10 31.62 100 316.2 1000 3162 10000 attenuation of transmitter transceiver with emc reducing measures 50 w 250khz 30 w 30 w 50 w 4.7nf m v tek495 analyzer equivalent terminating resistor 2 x 120 w parallel at line ends +5v tx0 gnd v s c_h c_l d96at253 5v emc performance (transceiver sending) 0 40 80 120 160 f(khz) d96at254 0 10 20 30 40 50 60 70 80 1 3.162 10 31.62 100 316.2 1000 3162 10000 transceiver without emc reducing measures 0 40 80 120 160 f(khz) d96at255 0 10 20 30 40 50 60 70 80 1 3.162 10 31.62 100 316.2 1000 3162 10000 transceiver with emc reducing measures l9615 6/8
dim. mm inch min. typ. max. min. typ. max. a 1.75 0.069 a1 0.1 0.25 0.004 0.010 a2 1.65 0.065 a3 0.65 0.85 0.026 0.033 b 0.35 0.48 0.014 0.019 b1 0.19 0.25 0.007 0.010 c 0.25 0.5 0.010 0.020 c1 45 (typ.) d (1) 4.8 5.0 0.189 0.197 e 5.8 6.2 0.228 0.244 e 1.27 0.050 e3 3.81 0.150 f (1) 3.8 4.0 0.15 0.157 l 0.4 1.27 0.016 0.050 m 0.6 0.024 s8 (max.) (1) d and f do not include mold flash or protrusions. mold flash or potrusions shall not exceed 0.15mm (.006inch). so8 outline and mechanical data l9615 7/8
docid5637 rev 3 8/8 l9615 1 please read carefully: information in this document is provided solely in connection with st products. stmicroelectronics nv and its subsidiaries (?st ?) reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described he rein at any time, without notice. all st products are sold pursuant to st?s terms and conditions of sale. purchasers are solely responsible for the choice, selection and use of the st products and services described herein, and st as sumes no liability whatsoever relating to the choice, selection or use of the st products and services described herein. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. if any part of this document refers to any third party products or services it shall not be deemed a license grant by st for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoev er of such third party products or services or any intellectual property contained therein. unless otherwise set forth in st?s terms and conditions of sale st disclaims any express or implied warranty with respect to the use and/or sale of st products including without limitation implied warranties of merchantability, fitness for a particular purpose (and their equivalents under the laws of any jurisdiction), or infringement of any patent, copyright or other intellectual property right. st products are not designed or authorized for use in: (a) safety critical applications such as life supporting, active implanted devices or systems with product functional safety requirements; (b) aeronautic applications; (c) automotive applications or environments, and/or (d) aerospace applications or environments. where st products are not designed for such use, the purchaser shall use products at purchaser?s sole risk, even if st has been informed in writing of such usage, unless a product is expressly designated by st as being intended for ? automotive, automotive safe ty or medical? industry domains according to st product design specifications. products formally escc, qml or jan qualified are deemed suitable for use in aerospace by the corresponding governmental agency. resale of st products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by st for the st product or service described herein and shall not create or extend in any manner whatsoev er, any liability of st. st and the st logo are trademarks or registered trademarks of st in various countries. information in this document supersedes and replaces all information previously supplied. the st logo is a registered trademark of stmicroelectronics. all other names are the property of their respective owners. ? 2013 stmicroelectronics - all rights reserved stmicroelectronics group of companies australia - belgium - brazil - canada - china - czech republic - finland - france - germany - hong kong - india - israel - ital y - japan - malaysia - malta - morocco - philippines - singapore - spain - sweden - switzerland - united kingdom - united states of america www.st.com


▲Up To Search▲   

 
Price & Availability of L9615D013TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X